Part Number Hot Search : 
TIP125 DE1E3KX STK400 SZ3C180 861ZIC GC11822R OMR184NH MPQ6502
Product Description
Full Text Search
 

To Download R1162D161D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r1162x series 3-mode 150ma ldo regulator no.ea-110-0512 1 outline the r1162x series consist of cmos-based voltage regul ator ics with high output voltage accuracy and low supply current. each of these voltage regulator ics co nsists of a voltage reference unit, an error amplifier, resistors for setting output voltage, a current limit circui t, and so on. the output voltage is internally fixed with high accuracy. these ics perform with the chip enable function and r ealize a standby mode with ultra low supply current. to prevent the destruction by over curren t, the current limit circuit is inclu ded. the r1162x series have 3-mode. one is standby mode with ce or standby control pin. other two modes are realized with eco pin?. fast transient mode (ft mode) and low power mode (lp mode) are alternative with eco pin?. consumption current is reduced at low power mode compared with fast transient mode. the output voltage is maintained between ft mode and lp mode. since the packages for these ics are sot-23-5 and son1 612-6 packages, high density mounting of the ics on boards is possible. features ? ultra-low supply cu rrent..................................typ. 5.5 a (low power mode), typ. 70 a (fast transient mode) ? standby mode ...................................................typ. 0.1 a ? low dropout voltage .........................................typ. 0.25v (i out = 150ma output voltage = 3.0v type) ? high ripple rejectio n .......................................typ. 70db (f = 1khz, ft mode) typ. 60db (f = 10khz, ft mode) ? low temperature-drift coefficient of output voltage typ. 100ppm/ c ? excellent line regula tion .................................typ. 0.02%/v ? high output vo ltage accu racy .......................... 2.0%( 3.0% at lp mode) ? small package ................................................so t-23-5 (super mini-mold), son1612-6 ? output voltage ..................................................st epwise setting with a step of 0.1v in the range of 1.5v to 4.0v is possible ? built-in fold-back protection circuit ....................typ. 40ma (current at short mode) ? performs with ceramic capacitors ...................c in = 1.0 f, c out = 0.47 f applications ? precision voltage references. ? power source for electrical appliances such as cameras, vcrs and hand-held communication equipment. ? power source for battery-powered equipment.
r1162x 2 block diagram r1162xxx1b r1162xxx1d v dd gnd v out eco ce vref current limit v dd gnd v out eco ce vref current limit selection guide the output voltage, function of auto-discharge, package, and the packing type for the ics can be selected at the user's request. the selection can be availabl e by designating the part number as shown below; r1162xxx 1x -xx part number a b c d code contents a designation of package type : n:sot-23-5 (mini-mold) d:son1612-6 b setting output voltage (v out ) : stepwise setting with a step of 0.1v in the range of 1.5v to 4.0v is possible. exceptions: 1.85v = r1162x181x5, 2.85v = r1162x281x5 c designation of chip enable option : b: "h" active type. d: "h" active type. with auto discharge function d designation of taping type : refer to taping specifications;tr type is the standard direction.
r1162x 3 pin configurations sot-23-5 son1612-6 12 3 54 (mark side) 123 654 pin descriptions ? r1116n (sot-23-5) ? r1116d (son1612-6) pin no. symbol description pin no. symbol description 1 v dd input pin 1 ce chip enable pin 2 gnd ground pin 2 gnd ground pin 3 ce chip enable pin 3 v dd input pin 4 eco mode alternative pin 4 v out output pin 5 v out output pin 5 gnd ground pin 6 eco mode alternative pin absolute maximum ratings symbol item rating unit v in input voltage 6.5 v v eco input voltage (eco pin) ? 0.3 to 6.5 v v ce input voltage ( ce / ce pin) ? 0.3 to 6.5 v v out output voltage ? 0.3 to v in + 0.3 v i out output current 180 ma power dissipation (sot-23-5) ? 1 420 mw p d power dissipation (son1612-6) ? 1 500 mw topt operating temperature range ? 40 ~ 85 c tstg storage temperature range ? 55 ~ 125 c ? 1 for power dissipation, please refer to package information to be described.
r1162x 4 electrical characteristics ? r1162xxx1b/d topt = 25 c symbol item conditions min. typ. max. unit v in = set v out + 1v v eco = v in 1ma < = < = 0.98 v out 1.02 v v out output voltage v in = set v out + 1v v eco = gnd 1ma < = < = 0.97 v out 1.03 v v in = set v out + 1v, i out = 30ma v out < = ? 1.2 0.0 1.2 % ? v out output voltage deviation between ft mode and lp mode v out > = 2.0v ( ? 24) 0.0 (24) mv i out output current v in ? v out = 1.0v 150 ma load regulation(ft mode) v in = set v out + 1v, v eco = v in 1ma < = < = ? v out / ? i out load regulation(lp mode) v in = set v out + 1v,v eco = gnd 1ma < = < = = set v out + 1v v eco = v in , i out = 0ma 70 100 a i ss2 supply current(lp mode) v in = set v out + 1v v eco = gnd , i out = 0ma 5.5 9.0 a istandby supply current (standby) v in = v ce = set v out + 1v 0.1 1.0 a line regulation(ft mode) set v out + 0.5v < = < = = 30ma, v eco = v in v out < = < = < = ? v out / ? v in line regulation(lp mode) set v out + 0.5v < = < = = 30ma, v eco = gnd v out < = < = < = = 1khz f = 10khz,ripple 0.2vp-p v in = set v out + 1v i out = 30ma, v eco = v in 70 60 db v in input voltage 2.0 6.0 v ? v out / ? topt output voltage temperature coefficient i out = 30ma ? 40 c < = < = c 100 ppm / c ilim short current limit v out = 0v 40 ma i pd ce pull-down constant current 0.3 0.6 a r pd eco pull-down resistance 2 5 30 m ? v ceh ce, eco input voltage ?h? 1.0 6.0 v v cel ce, eco input voltage ?l? 0.00 0.35 v en output noise (fast mode) bw = 10hz to 100khz 30 vrms en output noise (low power mode) bw = 10hz to 100khz 40 vrms = 0v 60 ?
r1162x 5 electrical characteristics by output voltage topt = 25 c dropout voltage (mv) v dif (eco = h) v dif (eco = l) output voltage v out (v) condition typ. max. typ. max. 1.5 < = v out < = 1.6 400 680 420 680 1.6 < = v out < = 1.7 380 550 390 550 1.7 < = v out < = 1.8 350 520 370 520 1.8 < = v out < = 2.0 340 490 350 490 2.0 < = v out < = 2.8 290 425 300 430 2.8 < = v out < = 4.0 i out = 150ma 250 350 250 350 typical application c 1 c 2 v dd ou t ce ? ce gnd r1162x series eco in out (external components) c 2 ceramic 0.47 f ex. murata grm40b474k kyocera cm105b474k c 1 ceramic 1.0 f
r1162x 6 typical characteristics unless otherwise provided, capacitors are ceramic type. 1) output voltage vs. output current r1162x15x (eco = h) r1162x15x (eco = l) 0 100 200 300 400 output current i out (ma) output voltage h v out h(v) 0.0 0.2 0.4 0.6 0.8 1.2 1.0 1.4 1.6 v in =2v v in =2.5v ? 3.5v 0 100 200 300 400 output current i out (ma) output voltage l v out l(v) 0.0 0.2 0.4 0.6 0.8 1.2 1.0 1.4 1.6 v in =2v v in =2.5v ? 3.5v r1162x28x (eco = h) r1162x28x (eco = l) 0 100 200 300 400 output current i out (ma) output voltage h v out h(v) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v in =3.1v v in =3.3v v in =3.8v ? 4.8v 0 100 200 300 400 output current i out (ma) output voltage l v out l(v) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v in =3.1v v in =3.3v v in =3.8v ? 4.8v r1162x40x (eco = h) r1162x40x (eco = l) 0 100 200 300 400 output current i out (ma) output voltage h v out h(v) 0.0 0.5 1.0 1.5 2.0 3.0 2.5 3.5 4.0 4.5 v in =4.3v v in =4.5v v in =5.0v ? 6.0v 0 100 200 300 400 output current i out (ma) output voltage l v out l(v) 0.0 0.5 1.0 1.5 2.0 3.0 2.5 3.5 4.0 4.5 v in =4.3v v in =4.5v v in =5.0v ? 6.0v
r1162x 7 2) output voltage vs. input voltage r1162x15x (eco = h) r1162x15x (eco = l) 02 5 14 36 input voltage v in (v) output voltage h v out h(v) 0.0 0.2 0.4 0.6 0.8 1.2 1.0 1.4 1.6 i out =1ma i out =30ma i out =50ma 02 5 14 36 input voltage v in (v) output voltage l v out l(v) 0.0 0.2 0.4 0.6 0.8 1.2 1.0 1.4 1.6 i out =1ma i out =30ma i out =50ma r1162x28x (eco = h) r1162x28x (eco = l) 02 5 14 36 input voltage v in (v) output voltage h v out h(v) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 i out =1ma i out =30ma i out =50ma 02 5 14 36 input voltage v in (v) output voltage l v out l(v) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 i out =1ma i out =30ma i out =50ma r1162x40x (eco = h) r1162x40x (eco = l) 02 5 14 36 input voltage v in (v) output voltage h v out h(v) 0.0 0.5 1.0 1.5 2.0 2.5 3.5 3.0 4.0 4.5 i out =1ma i out =30ma i out =50ma 02 5 14 36 input voltage v in (v) output voltage l v out l(v) 0.0 0.5 1.0 1.5 2.0 2.5 3.5 3.0 4.0 4.5 i out =1ma i out =30ma i out =50ma
r1162x 8 3) supply current vs. input voltage r1162x15x (eco = h) r1162x15x (eco = l) 023 1 456 input voltage v in (v) supply current h i ss h( a) 0 10 20 30 40 60 50 70 80 023 1 456 input voltage v in (v) supply current l i ss l( a) 0 1 2 3 4 6 5 7 r1162x28x (eco = h) r1162x28x (eco = l) 023 1 456 input voltage v in (v) supply current h i ss h( a) 0 10 20 30 40 60 50 80 70 023 1 456 input voltage v in (v) supply current l i ss l( a) 0 1 2 3 4 8 7 6 5 11 10 9 r1162x40x (eco = h) r1162x40x (eco = l) 023 1 456 input voltage v in (v) supply current h i ss h( a) 0 10 20 30 40 70 60 50 80 023 1 456 input voltage v in (v) supply current l i ss l( a) 0 1 2 3 4 10 8 6 12 9 7 5 11
r1162x 9 4) output voltage vs. temperature r1162x15x (eco = h) r1162x15x (eco = l) 1.46 1.47 1.53 1.50 1.49 1.52 1.51 1.48 -50 0 -25 50 75 25 100 temperature topt( c) output voltage h v out h (v) 1.46 1.47 1.53 1.50 1.49 1.52 1.51 1.48 -50 0 -25 50 75 25 100 temperature topt( c) output voltage l v out l (v) r1162x28x (eco = h) r1162x28x (eco = l) 2.76 2.77 2.83 2.80 2.79 2.82 2.81 2.78 -50 0 -25 50 75 25 100 temperature topt( c) output voltage h v out h (v) 2.76 2.77 2.83 2.80 2.79 2.82 2.81 2.78 -50 0 -25 50 75 25 100 temperature topt( c) output voltage l v out l (v) r1162x40x (eco = h) r1162x40x (eco = l) 3.97 3.98 4.05 4.01 4.00 4.04 4.03 4.02 3.99 -50 0 -25 50 75 25 100 temperature topt( c) output voltage h v out h (v) 3.98 3.99 4.06 4.02 4.01 4.05 4.04 4.03 4.00 -50 0 -25 50 75 25 100 temperature topt( c) output voltage l v out l (v)
r1162x 10 5) supply current vs. temperature r1162x15x (eco = h) r1162x15x (eco = l) -50 0 25 -25 50 75 100 temperature topt( c) supply current h i ss h( a) 0 10 20 30 40 60 50 70 90 80 -50 0 25 -25 50 75 100 temperature topt( c) supply current l i ss l( a) 0 1 2 3 4 6 5 7 8 r1162x28x (eco = h) r1162x28x (eco = l) -50 0 25 -25 50 75 100 temperature topt( c) supply current h i ss h( a) 0 10 20 30 40 60 50 70 90 80 -50 0 25 -25 50 75 100 temperature topt( c) supply current l i ss l( a) 0 1 2 3 4 6 5 7 8 r1162x40x (eco = h) r1162x40x (eco = l) -50 0 25 -25 50 75 100 temperature topt( c) supply current h i ss h( a) 0 10 20 30 40 60 50 70 90 80 -50 0 25 -25 50 75 100 temperature topt( c) supply current l i ss l( a) 0 1 2 3 4 6 5 7 8
r1162x 11 6) dropout voltage vs. output current r1162x15x (eco = h) r1162x15x (eco = l) 0 50 125 25 100 75 150 output current i out (ma) dropout voltage h v dif h(v) 0.0 0.1 0.2 0.3 0.4 0.5 85 c 25 c -40 c 0 50 125 25 100 75 150 output current i out (ma) dropout voltage l v dif l(v) 0.0 0.1 0.2 0.3 0.4 0.5 85 c 25 c -40 c r1162x16x (eco = h) r1162x16x (eco = l) 0 50 125 25 100 75 150 output current i out (ma) dropout voltage h v dif h(v) 0.0 0.1 0.2 0.3 0.4 0.5 85 c 25 c -40 c 0 50 125 25 100 75 150 output current i out (ma) dropout voltage l v dif l(v) 0.0 0.1 0.2 0.3 0.4 0.5 85 c 25 c -40 c r1162x17x (eco = h) r1162x17x (eco = l) 0 50 125 25 100 75 150 output current i out (ma) dropout voltage h v dif h(v) 0.0 0.1 0.2 0.3 0.4 0.5 85 c 25 c -40 c 0 50 125 25 100 75 150 output current i out (ma) dropout voltage l v dif l(v) 0.0 0.1 0.2 0.3 0.4 0.5 85 c 25 c -40 c
r1162x 12 r1162x18x (eco = h) r1162x18x (eco = l) 0 50 125 25 100 75 150 output current i out (ma) dropout voltage h v dif h(v) 0.0 0.1 0.2 0.3 0.4 0.5 85 c 25 c -40 c 0 50 125 25 100 75 150 output current i out (ma) dropout voltage l v dif l(v) 0.0 0.1 0.2 0.3 0.4 0.5 85 c 25 c -40 c r1162x21x (eco = h) r1162x21x (eco = l) 0 50 125 25 100 75 150 output current i out (ma) dropout voltage h v dif h(v) 0.0 0.1 0.2 0.3 0.4 85 c 25 c -40 c 0 50 125 25 100 75 150 output current i out (ma) dropout voltage l v dif l(v) 0.0 0.1 0.2 0.3 0.4 85 c 25 c -40 c r1162x28x (eco = h) r1162x28x (eco = l) 0 50 125 25 100 75 150 output current i out (ma) 0.00 0.05 0.10 0.20 0.15 0.25 0.30 85 c 25 c -40 c dropout voltage h v dif h(v) 0 50 125 25 100 75 150 output current i out (ma) 0.00 0.05 0.10 0.20 0.15 0.25 0.30 85 c 25 c -40 c dropout voltage l v dif l(v)
r1162x 13 r1162x40x (eco = h) r1162x40x (eco = l) 0 50 125 25 100 75 150 output current i out (ma) 0.00 0.05 0.10 0.20 0.15 0.25 0.30 85 c 25 c -40 c dropout voltage h v dif h(v) 0 50 125 25 100 75 150 output current i out (ma) 0.00 0.05 0.10 0.20 0.15 0.25 0.30 85 c 25 c -40 c dropout voltage l v dif l(v) 7) dropout voltage vs. set output voltage r1162x (eco = h) r1162x (eco = l) 1.5 2.5 2.0 3.5 3.0 4.0 set output voltage v reg (v) 0.00 0.10 0.20 0.40 0.30 0.50 i out =10ma i out =30ma i out =50ma i out =100ma i out =150ma dropout voltage h v dif h(v) 1.5 2.5 2.0 3.5 3.0 4.0 set output voltage v reg (v) 0.00 0.10 0.20 0.40 0.30 0.50 i out =10ma i out =30ma i out =50ma i out =100ma i out =150ma dropout voltage h v dif l(v) 8) ripple rejection vs. input bias voltage r1162x28x (eco = h) r1162x28x (eco = h) 2.9 3.0 3.2 3.1 3.3 input voltage v in (v) f=1khz f=10khz f=100khz ripple rejection rr(db) 0 10 20 30 40 50 70 60 80 90 c in =none, c out =0.47 f, i out =1ma ripple=0.2vp-p 2.9 3.0 3.2 3.1 3.3 input voltage v in (v) f=1khz f=10khz f=100khz ripple rejection rr(db) 0 10 20 30 40 50 70 60 80 90 c in =none, c out =0.47 f, i out =1ma ripple=0.5vp-p
r1162x 14 r1162x28x (eco = h) r1162x28x (eco = h) 2.9 3.0 3.2 3.1 3.3 input voltage v in (v) f=1khz f=10khz f=100khz ripple rejection rr(db) 0 10 20 30 40 50 70 60 80 90 c in =none, c out =0.47 f, i out =30ma ripple=0.2vp-p 2.9 3.0 3.2 3.1 3.3 input voltage v in (v) f=1khz f=10khz f=100khz ripple rejection rr(db) 0 10 20 30 40 50 70 60 80 90 c in =none, c out =0.47 f, i out =30ma ripple=0.5vp-p r1162x28x (eco = h) r1162x28x (eco = h) 2.9 3.0 3.2 3.1 3.3 input voltage v in (v) f=1khz f=10khz f=100khz ripple rejection rr(db) 0 10 20 30 40 50 70 60 80 90 c in =none, c out =0.47 f, i out =50ma ripple=0.2vp-p 2.9 3.0 3.2 3.1 3.3 input voltage v in (v) f=1khz f=10khz f=100khz ripple rejection rr(db) 0 10 20 30 40 50 70 60 80 90 c in =none, c out =0.47 f, i out =50ma ripple=0.5vp-p 9) ripple rejection vs. frequency r1162x15x (eco = h) r1162x15x (eco = l) 0.1 10 1 100 frequency f(khz) i out =1ma i out =30ma i out =50ma ripple rejection rr_h(db) 0 10 20 30 40 50 70 60 80 c in =none, c out =0.47 f, v in =2.5v dc +0.2vp-p 0.1 10 1 100 frequency f(khz) i out =1ma i out =30ma i out =50ma ripple rejection rr_l(db) 0 10 20 30 40 50 60 70 c in =none, c out =0.47 f, v in =2.5v dc +0.2vp-p
r1162x 15 r1162x28x (eco = h) r1162x28x (eco = l) 0.1 10 1 100 frequency f(khz) i out =1ma i out =30ma i out =50ma ripple rejection rr_h(db) 0 10 20 30 40 50 60 80 70 c in =none, c out =0.47 f, v in =3.8v dc +0.2vp-p 0.1 10 1 100 frequency f(khz) i out =1ma i out =30ma i out =50ma ripple rejection rr_l(db) 0 10 20 30 40 50 60 70 c in =none, c out =0.47 f, v in =3.8v dc +0.2vp-p r1162x40x (eco = h) r1162x40x (eco = l) 0.1 10 1 100 frequency f(khz) i out =1ma i out =30ma i out =50ma ripple rejection rr_h(db) 0 10 20 30 40 50 60 80 70 c in =none, c out =0.47 f, v in =5.0v dc +0.2vp-p 0.1 10 1 100 frequency f(khz) i out =1ma i out =30ma i out =50ma ripple rejection rr_l(db) 0 10 20 30 40 50 60 70 c in =none, c out =0.47 f, v in =5.0v dc +0.2vp-p 10) input transient response r1162x15x (eco = h) r1162x15x (eco = l) 1.46 1.56 1.58 1.52 1.50 1.54 1.48 -2 0 -1 4 3 2 1 020 608090 40 10 50 70 30 100 time t( s) output voltage v out (v) input voltage v in (v) input voltage output voltage c in =none, c out =0.47 f, i out =30ma 0.5 3.0 3.5 2.0 1.5 2.5 1.0 -2 0 -1 4 3 2 1 0.0 0.2 0.6 0.8 0.9 0.4 0.1 0.5 0.7 0.3 1.0 time t(ms) input voltage v in (v) input voltage output voltage c in =none, c out =0.47 f, i out =10ma output voltage v out (v)
r1162x 16 r1162x15x (eco = l) r1162x28x (eco = h) 0.5 3.0 3.5 2.0 1.5 2.5 1.0 -2 0 -1 4 3 2 1 0.0 0.2 0.6 0.8 0.9 0.4 0.1 0.5 0.7 0.3 1.0 time t(ms) input voltage v in (v) input voltage output voltage c in =none, c out =1 f, i out =10ma output voltage v out (v) 2.76 2.86 2.88 2.82 2.80 2.84 2.78 0 2 1 6 5 4 3 020 608090 40 10 50 70 30 100 time t( s) input voltage v in (v) input voltage output voltage c in =none, c out =0.47 f, i out =30ma output voltage v out (v) r1162x28x (eco = l) r1162x28x (eco = l) 2.0 4.5 5.0 3.5 3.0 4.0 2.5 0 2 1 6 5 4 3 time t(ms) input voltage v in (v) input voltage output voltage c in =none, c out =0.47 f, i out =10ma 0.0 0.2 0.6 0.8 0.9 0.4 0.1 0.5 0.7 0.3 1.0 output voltage v out (v) 2.0 4.5 5.0 3.5 3.0 4.0 2.5 0 2 1 6 5 4 3 time t(ms) input voltage v in (v) input voltage output voltage c in =none, c out =1 f, i out =10ma 0.0 0.2 0.6 0.8 0.9 0.4 0.1 0.5 0.7 0.3 1.0 output voltage v out (v) 11) load transient response r1162x15x (eco = h) r1162x15x (eco = h) 1.3 1.4 1.9 1.6 1.5 1.7 1.8 -150 -50 150 100 50 -100 0 0 4 12 16 18 8 21014 620 time t( s) output current i out (ma) output current output voltage v in =2.5v, c in =1 f, c out =0.47 f output voltage v out (v) 1.3 1.4 1.9 1.6 1.5 1.7 1.8 -120 -60 60 30 0 -90 -30 0 4 12 16 18 8 21014 620 time t( s) output current i out (ma) output current output voltage v in =2.5v, c in =1 f, c out =0.47 f output voltage v out (v)
r1162x 17 r1162x15x (eco = h) r1162x15x (eco = l) 1.3 1.4 1.9 1.6 1.5 1.7 1.8 -120 -60 60 30 0 -90 -30 0 4 12 16 18 8 21014 620 time t( s) output current i out (ma) output current output voltage v in =2.5v, c in =1 f, c out =1 f output voltage v out (v) 1.3 1.4 1.9 1.6 1.5 1.7 1.8 -40 -20 20 10 0 -30 -10 0.0 0.4 1.2 1.6 1.8 0.8 0.2 1.0 1.4 0.6 2.0 time t(ms) output current i out (ma) output current output voltage v in =2.5v, c in =1 f, c out =0.47 f output voltage v out (v) r1162x15x (eco = l) r1162x28x (eco = h) 1.3 1.4 1.9 1.6 1.5 1.7 1.8 -40 -20 20 10 0 -30 -10 0.0 0.4 1.2 1.6 1.8 0.8 0.2 1.0 1.4 0.6 2.0 time t(ms) output current i out (ma) output current output voltage v in =2.5v, c in =1 f, c out =1 f output voltage v out (v) 2.6 2.7 3.2 2.9 2.8 3.0 3.1 -150 -50 150 100 50 -100 0 0 4 12 16 18 8 21014 620 time t( s) output current i out (ma) output current output voltage v in =3.8v, c in =1 f, c out =0.47 f output voltage v out (v) r1162x28x (eco = h) r1162x28x (eco = h) 2.6 2.7 3.2 2.9 2.8 3.0 3.1 -150 -50 150 100 50 -100 0 0 4 12 16 18 8 21014 620 time t( s) output current i out (ma) output current output voltage v in =3.8v, c in =1 f, c out =1 f output voltage v out (v) 2.6 2.7 3.2 2.9 2.8 3.0 3.1 -120 -60 60 30 0 -90 -30 0 4 12 16 18 8 21014 620 time t( s) output current i out (ma) output current output voltage v in =3.8v, c in =1 f, c out =0.47 f output voltage v out (v)
r1162x 18 r1162x28x (eco = h) r1162x28x (eco = l) 2.6 2.7 3.2 2.9 2.8 3.0 3.1 -120 -60 60 30 0 -90 -30 0 4 12 16 18 8 21014 620 time t( s) output current i out (ma) output current output voltage v in =3.8v, c in =1 f, c out =1 f output voltage v out (v) 2.0 2.5 5.0 3.5 3.0 4.0 4.5 -40 -20 20 10 0 -30 -10 0.0 0.4 1.2 1.6 1.8 0.8 0.2 1.0 1.4 0.6 2.0 time t(ms) output current i out (ma) output current output voltage v in =3.8v, c in =1 f, c out =0.47 f output voltage v out (v) r1162x28x (eco = l) 2.0 2.5 5.0 3.5 3.0 4.0 4.5 -40 -20 20 10 0 -30 -10 0.0 0.4 1.2 1.6 1.8 0.8 0.2 1.0 1.4 0.6 2.0 time t(ms) output current i out (ma) output current output voltage v in =3.8v, c in =1 f, c out =1 f output voltage v out (v) 12) turn on speed with ce pin r1162x15x (eco = h) r1162x15x (eco = l) -5 -4 3 1 0 2 -2 -3 -1 -0.5 0.5 0.0 3.5 2.5 1.5 3.0 2.0 1.0 -8 0 16 24 832 -4 12 20 428 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =2.5v, c in =1 f, c out =0.47 f, i out =0ma time t( s) -5 -4 3 1 0 2 -2 -3 -1 -0.5 0.5 0.0 3.5 2.5 1.5 3.0 2.0 1.0 -40 0 80 40 120 -20 60 20 100 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =2.5v, c in =1 f, c out =0.47 f, i out =0ma time t(ms)
r1162x 19 r1162x15x (eco = h) r1162x15x (eco = l) -5 -4 3 1 0 2 -2 -3 -1 -0.5 0.5 0.0 3.5 2.5 1.5 3.0 2.0 1.0 -8 0 16 24 832 -4 12 20 428 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =2.5v, c in =1 f, c out =0.47 f, i out =30ma time t( s) -5 -4 3 1 0 2 -2 -3 -1 -0.5 0.5 0.0 3.5 2.5 1.5 3.0 2.0 1.0 -0.2 0.0 0.4 0.6 0.2 0.8 -0.1 0.3 0.5 0.1 0.7 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =2.5v, c in =1 f, c out =0.47 f, i out =30ma time t(ms) r1162x15x (eco = h) r1162x15x (eco = l) -5 -4 3 1 0 2 -2 -3 -1 -0.5 0.5 0.0 3.5 2.5 1.5 3.0 2.0 1.0 -8 0 16 24 832 -4 12 20 428 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =2.5v, c in =1 f, c out =0.47 f, i out =150ma time t( s) -5 -4 3 1 0 2 -2 -3 -1 -0.5 0.5 0.0 3.5 2.5 1.5 3.0 2.0 1.0 -0.2 0.0 0.4 0.6 0.2 0.8 -0.1 0.3 0.5 0.1 0.7 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =2.5v, c in =1 f, c out =0.47 f, i out =150ma time t(ms) r1162x28x (eco = h) r1162x28x (eco = l) -10 -8 6 1 0 4 -4 -6 -2 -1 1 0 7 5 3 6 4 2 -20 0 40 60 20 80 -10 30 50 10 70 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =3.8v, c in =1 f, c out =0.47 f, i out =0ma time t( s) -10 -8 6 1 0 4 -4 -6 -2 -1 1 0 7 5 3 6 4 2 -20 0 40 60 20 80 -10 30 50 10 70 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =3.8v, c in =1 f, c out =0.47 f, i out =0ma time t(ms)
r1162x 20 r1162x28x (eco = h) r1162x28x (eco = l) -10 -8 6 1 0 4 -4 -6 -2 -1 1 0 7 5 3 6 4 2 -20 0 40 60 20 80 -10 30 50 10 70 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =3.8v, c in =1 f, c out =0.47 f, i out =30ma time t( s) -10 -8 6 1 0 4 -4 -6 -2 -1 1 0 7 5 3 6 4 2 -0.08 0.00 0.16 0.24 0.08 0.32 -0.04 0.12 0.20 0.04 0.28 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =3.8v, c in =1 f, c out =0.47 f, i out =30ma time t(ms) r1162x28x (eco = h) r1162x28x (eco = l) -10 -8 6 1 0 4 -4 -6 -2 -1 1 0 7 5 3 6 4 2 -20 0 40 60 20 80 -10 30 50 10 70 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =3.8v, c in =1 f, c out =0.47 f, i out =150ma time t( s) -10 -8 6 1 0 4 -4 -6 -2 -1 1 0 7 5 3 6 4 2 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =3.8v, c in =1 f, c out =0.47 f, i out =150ma time t(ms) -0.08 0.00 0.16 0.24 0.08 0.32 -0.04 0.12 0.20 0.04 0.28 r1162x40x (eco = h) r1162x40x (eco = l) -12 -10 6 0 -2 4 2 -6 -8 -4 -1 1 0 8 7 5 3 6 4 2 -20 0 40 60 20 80 -10 30 50 10 70 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =5.0v, c in =1 f, c out =0.47 f, i out =0ma time t( s) -12 -10 6 0 -2 4 2 -6 -8 -4 -1 1 0 8 7 5 3 6 4 2 -8 0 16 24 832 -4 12 20 428 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =5.0v, c in =1 f, c out =0.47 f, i out =0ma time t(ms)
r1162x 21 r1162x40x (eco = h) r1162x40x (eco = l) -12 -10 6 0 -2 4 2 -6 -8 -4 -1 1 0 8 7 5 3 6 4 2 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =5.0v, c in =1 f, c out =0.47 f, i out =30ma time t( s) -20 0 40 60 20 80 -10 30 50 10 70 -12 -10 6 0 -2 4 2 -6 -8 -4 -1 1 0 8 7 5 3 6 4 2 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =5.0v, c in =1 f, c out =0.47 f, i out =30ma time t(ms) -0.08 0.00 0.16 0.24 0.08 0.32 -0.04 0.12 0.20 0.04 0.28 r1162x40x (eco = h) r1162x40x (eco = l) -12 -10 6 0 -2 4 2 -6 -8 -4 -1 1 0 8 7 5 3 6 4 2 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =5.0v, c in =1 f, c out =0.47 f, i out =150ma time t( s) -20 0 40 60 20 80 -10 30 50 10 70 -12 -10 6 0 -2 4 2 -6 -8 -4 -1 1 0 8 7 5 3 6 4 2 ce input voltage v ce (v) output voltage v out (v) ce input voltage output voltage v in =5.0v, c in =1 f, c out =0.47 f, i out =150ma time t(ms) -0.08 0.00 0.16 0.24 0.08 0.32 -0.04 0.12 0.20 0.04 0.28
r1162x 22 13) turn off speed with ce pin r1162x15xd r1162x28xd -5 3 0 -1 2 1 -3 -4 -2 ce input voltage v ce (v) ce input voltage v in =2.5v, c in =1 f,c out =0.47 f time t(ms) -0.5 0.5 0.0 3.5 2.5 1.5 3.0 2.0 1.0 output voltage v out (v) i out = 0ma i out = 30ma i out = 150ma -0.08 0.00 0.16 0.24 0.08 0.32 -0.04 0.12 0.20 0.04 0.28 -5 4 3 0 -1 2 1 -3 -4 -2 ce input voltage v ce (v) ce input voltage v in =3.8v, c in =1 f,c out =0.47 f time t(ms) -1.0 1.0 0.0 8.0 5.0 3.0 7.0 6.0 4.0 2.0 output voltage v out (v) i out = 0ma i out = 30ma i out = 150ma -0.08 0.00 0.16 0.24 0.08 0.32 -0.04 0.12 0.20 0.04 0.28 r1162x40xd -6 6 5 -1 -2 3 1 4 2 0 -4 -5 -3 ce input voltage v ce (v) ce input voltage v in =5.0v, c in =1 f,c out =0.47 f time t(ms) -1 1 0 11 5 6 3 10 8 9 7 4 2 output voltage v out (v) i out = 0ma i out = 30ma i out = 150ma -0.08 0.00 0.16 0.24 0.08 0.32 -0.04 0.12 0.20 0.04 0.28
r1162x 23 14) output voltage at mode alternative point r1162x15x r1162x28x 1.48 1.48 1.52 1.52 1.50 1.48 1.50 1.50 1.52 1.48 1.52 1.50 1.48 v in =2.5v, c in =ceramic 1.0 f, c out =ceramic 0.47 f time t(ms) -0.1 0.1 0.5 0.7 0.3 0.9 0.0 0.4 0.6 0.2 0.8 3 1.52 1.50 2 1 0 eco input voltage v eco (v) i out =1ma i out =10ma i out =50ma i out =100ma i out =150ma output voltage v out (v) v in =3.8v, c in =ceramic 1.0 f, c out =ceramic 0.47 f time t(ms) -0.1 0.1 0.5 0.7 0.3 0.9 0.0 0.4 0.6 0.2 0.8 4 3 2 1 0 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 eco input voltage v eco (v) output voltage v out (v) i out =1ma i out =10ma i out =50ma i out =100ma i out =150ma 2.78 2.82 2.80 2.80 2.78 2.82 2.78 2.78 2.80 2.82 2.80 2.82 2.80 2.82 2.78 1.48 1.49 1.56 1.54 1.53 1.55 1.51 1.50 1.52 -10 10 50 70 80 30 04060 20 90 time t(ms) output voltage v out (v) 3 2 1 0 -1 -2 -3 -4 -5 eco input voltage v eco (v) i out =0ma 2.78 2.79 2.86 2.84 2.83 2.85 2.81 2.80 2.82 -10 10 50 70 80 30 04060 20 90 time t(ms) output voltage v out (v) 4 3 2 1 0 -1 -2 -3 -4 eco input voltage v eco (v) i out =0ma
r1162x 24 technical notes c 1 c 2 v dd ou t ce ? ce gnd r1162x series eco in out (external components) c 2 ceramic 0.47 f ex. murata grm40b474k kyocera cm105b474k c 1 ceramic 1.0 f when using these ics, consider the following points: 1.mounting on pcb make v dd and gnd lines sufficient. if their impedance is hi gh, noise pickup or unstable operation may result. connect a capacitor with as much as 1.0 f capacitor between v dd and gnd pin as close as possible. set external components, especially the output capacito r as close as possible to the ics and make wiring as short as possible. 2.phase compensation in these ics, phase compensation is made for securing stable operation even if the load current is varied. for this purpose, be sure to use a 0.47 f or more capacitor c out with good frequency characteristics and esr (equivalent series resistance). if you use a tantalum type capacitor and esr value of the capacitor is large, output might be unstable. evaluate your circuit with consider ing frequency characteristics. depending on the capacitor size, manufacturer, and part number, the bias characteristics and temperature characteristics are different. evaluate the circuit with actual using capacitors.
r1162x 25 esr vs. output current when using these ics, consider the following points: in these ics, phase compensation is made for securi ng stable operation even if the load current is varied. for this purpose, be sure to use a capacitor c out with good frequency characteristics and esr (equivalent series resistance) in the range described as follows: the relations between i out (output current) and esr of output capacitor are shown below. the conditions when the white noise level is under 40 v (avg.) are marked as the hatched area in the graph. (1) frequency band: 10hz to 2mhz r1162x15x (eco = h) r1162x15x (eco = l) 0 40 80 120 20 60 100 140 load current i out (ma) topt=85 c topt=25 c topt=-40 c 0.01 100 1 0.1 10 esr( ? ) v in =2.0v to 6.0v, c in =1 f,c out =0.47 f 0 40 80 120 20 60 100 140 load current i out (ma) 0.01 100 1 0.1 10 esr( ? ) v in =2.0v to 6.0v, c in =1 f,c out =0.47 f r1162x28x (eco = h) r1162x28x (eco = l) 0 40 80 120 20 60 100 140 load current i out (ma) topt=85 c topt=25 c topt=-40 c 0.01 100 1 0.1 10 esr( ? ) v in =3.1v to 6.0v, c in =1 f,c out =0.47 f 0 40 80 120 20 60 100 140 load current i out (ma) 0.01 100 1 0.1 10 esr( ? ) v in =3.1v to 6.0v, c in =1 f,c out =0.47 f
package information pe-sot-23-5-0510 ? sot-23-5 (sc-74a) unit: mm package dimensions 2.9 0.2 0.4 0.1 1.9 0.2 (0.95) (0.95) 54 123 +0.2 ? 0.1 1.6 +0.2 ? 0.1 1.1 +0.1 ? 0.05 0.15 2.80.3 0 to 0.1 0.8 0.1 0.2 min. taping specification 2.0max. 0.30.1 4.00.1 2.00.05 4.00.1 3.3 3.2 8.00.3 1.750.1 3.50.05 1.5 +0.1 0 ? 1.1 0.1 tr user direction of feed taping reel dimensions (1reel=3000pcs) 2 0.5 11.4 1.0 9.0 0.3 13 0.2 ? 60 ? +1 0 180 ? 0 ? 1.5 21 0.8
package information pe-sot-23-5-0510 power dissipation (sot-23-5) this specification is at mounted on board. power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below: (power dissipation (sot-23-5) is substitution of sot-23-6.) measurement conditions standard land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plactic (double sided) board dimensions 40mm 40mm 1.6mm copper ratio top side : approx. 50% , back side : approx. 50% through-hole 0.5mm 44pcs measurement result (topt=25 c,tjmax=125 c) standard land pattern free air power dissipation 420mw 250mw thermal resistance ja = (125 ? 25 c)/0.42w = 263 c/w 400 c/w 0 50 100 25 75 85 125 150 ambient temperature ( c) 0 200 100 300 400 250 420 500 600 power dissipation p d (mw) on board free air 40 40 power dissipation measurement board pattern ic mount area unit : mm recommended land pattern 0.7 max. 0.95 0.95 1.9 2.4 1.0 (unit: mm)
package information pe-son1612-6-0510 ? son1612-6 unit: mm package dimensions 64 13 1.6 0.1 0.125 0.055 0.22 0.05 0.3typ. 1.2 0.05 0.6max. (0.2) (0.3) (0.3) 1.6 0.05 0.08 0.5 0.08 m taping specification 1.5 +0.1 0 4.0 0.1 1.75 1.75 1.1 0.1 3.5 0.05 8.0 0.3 1.75 0.1 2.0 0.05 4.0 0.1 0.25 0.1 1.1max. tr user direction of feed taping reel dimensions (1reel=4000pcs) 2 0.5 11.4 1.0 9.0 0.3 13 0.2 ? 60 ? +1 0 180 ? 0 ? 1.5 21 0.8
package information pe-son1612-6-0510 power dissipation (son1612-6) this specification is at mounted on board. power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below: measurement conditions standard land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plactic (double sided) board dimensions 40mm 40mm 1.6mm copper ratio top side : approx . 50%, back side : approx.50% through-hole 0.5mm 24pcs measurement result (topt=25 c,tjmax=125 c) standard land pattern power dissipation 500mw thermal resistance ja = (125 ? 25 c)/0.5w = 200 c/w 0 50 100 25 75 85 125 150 ambient temperature ( c) 0 200 100 300 400 600 500 power dissipation p d (mw) on board 40 39 39 27 40 27 power dissipation measurement board pattern ic mount area unit : mm recommended land pattern 0.5 0.28 0.45 0.45 (unit: mm)
mark information me-r1162n-0409 r1162n series mark specification ? sot-23-5 (sc-74a) 1 2 3 4 5 1 , 2 , 3 : product code (refer to part number vs. product code) 4 , 5 : lot number ? part number vs. product code product code product code part number 1 2 3 part number 1 2 3 r1162n151b s 1 5 r1162n151d t 1 5 r1162n161b s 1 6 r1162n161d t 1 6 r1162n171b s 1 7 r1162n171d t 1 7 r1162n181b s 1 8 r1162n181d t 1 8 r1162n191b s 1 9 r1162n191d t 1 9 r1162n201b s 2 0 r1162n201d t 2 0 r1162n211b s 2 1 r1162n211d t 2 1 r1162n221b s 2 2 r1162n221d t 2 2 r1162n231b s 2 3 r1162n231d t 2 3 r1162n241b s 2 4 r1162n241d t 2 4 r1162n251b s 2 5 r1162n251d t 2 5 r1162n261b s 2 6 r1162n261d t 2 6 r1162n271b s 2 7 r1162n271d t 2 7 r1162n281b s 2 8 r1162n281d t 2 8 r1162n291b s 2 9 r1162n291d t 2 9 r1162n301b s 3 0 r1162n301d t 3 0 r1162n311b s 3 1 r1162n311d t 3 1 r1162n321b s 3 2 r1162n321d t 3 2 r1162n331b s 3 3 r1162n331d t 3 3 r1162n341b s 3 4 r1162n341d t 3 4 r1162n351b s 3 5 r1162n351d t 3 5 r1162n361b s 3 6 r1162n361d t 3 6 r1162n371b s 3 7 r1162n371d t 3 7 r1162n381b s 3 8 r1162n381d t 3 8 r1162n391b s 3 9 r1162n391d t 3 9 r1162n401b s 4 0 r1162n401d t 4 0 r1162n181b5 s 4 1 r1162n181d5 t 4 1 r1162n281b5 s 4 2 r1162n281d5 t 4 2
mark information me-r1162d-0605 r1162d series mark specification ? son1612-6 1 2 3 4 5 6 1 to 4 : product code (refer to part number vs. product code) 5 , 6 : lot number ? part number vs. product code product code product code product code part number 1 2 3 4 part number 1 2 3 4 part number 1 2 3 4 r1162d151b h 1 5 b r1162d151d h 1 5 d r1162d281e5 h 4 1 e r1162d161b h 1 6 b R1162D161D h 1 6 d r1162d171b h 1 7 b r1162d171d h 1 7 d r1162d181b h 1 8 b r1162d181d h 1 8 d r1162d191b h 1 9 b r1162d191d h 1 9 d r1162d201b h 2 0 b r1162d201d h 2 0 d r1162d211b h 2 1 b r1162d211d h 2 1 d r1162d221b h 2 2 b r1162d221d h 2 2 d r1162d231b h 2 3 b r1162d231d h 2 3 d r1162d241b h 2 4 b r1162d241d h 2 4 d r1162d251b h 2 5 b r1162d251d h 2 5 d r1162d261b h 2 6 b r1162d261d h 2 6 d r1162d271b h 2 7 b r1162d271d h 2 7 d r1162d281b h 2 8 b r1162d281d h 2 8 d r1162d291b h 2 9 b r1162d291d h 2 9 d r1162d301b h 3 0 b r1162d301d h 3 0 d r1162d311b h 3 1 b r1162d311d h 3 1 d r1162d321b h 3 2 b r1162d321d h 3 2 d r1162d331b h 3 3 b r1162d331d h 3 3 d r1162d341b h 3 4 b r1162d341d h 3 4 d r1162d351b h 3 5 b r1162d351d h 3 5 d r1162d361b h 3 6 b r1162d361d h 3 6 d r1162d371b h 3 7 b r1162d371d h 3 7 d r1162d381b h 3 8 b r1162d381d h 3 8 d r1162d391b h 3 9 b r1162d391d h 3 9 d r1162d401b h 4 0 b r1162d401d h 4 0 d r1162d181b5 h 4 1 b r1162d181d5 h 4 1 d r1162d281b5 h 4 2 b r1162d281d5 h 4 2 d


▲Up To Search▲   

 
Price & Availability of R1162D161D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X